Part Number Hot Search : 
2316226 DSPIC33 74LS22 M74HC4 LTC385 T54FC 100118Y D1220
Product Description
Full Text Search
 

To Download SB1045102KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
SMD POWER INDUCTOR CONFIGURATION & DIMENSIONS
A
ABC'S DWG NO. ABC'S ITEM NO.
SB1045L-
A B C B D E F G C H I G E I J
10.00.3 10.00.3 4.50.3 2.4 typ. 2.0 typ. 6.0 typ 2.8 ref. 10.4 ref. 2.4 ref. 5.6 ref.
m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m
330
D
F
SCHEMATIC DIAGRAM
PCB Pattern
I
H
J
a
MATERIALS
a b c d e f Core Wire Base Ferrite DR core Enameled copper wire Cu / Ni / Sn
Peak Temp 260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec
b class F d c
Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Terminal
LCP Base
Adhesive Epoxy resin Remark Products comply with RoHS' requirements
250
Peak Temperature: 260 50sec max. 230
GENERAL SPECIFICATION
Temperature (
200 150
70sec max.
a b c d AE-001A
Temp. rise 40 Storage temp. Operating temp.
max. -40 -40 ~ +125 ~ +125 260 . 10 secs.
)
100 50
Temp. rise included Resistance to solder heat
0
50
100
150 Time ( seconds )
200
250
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICS
L DWG No. (uH) 2.720% 4.520% 6.820% 10.020% 15.020% 22.020% 33.020% 47.020% 68.020% 100.010% 150.010% 220.010% 330.010% 470.010% 680.010% 1000.010% Q ref. 25 25 22 26 26 22 20 21 21 14 16 15 12 12 13 25
ABC'S DWG NO. ABC'S ITEM NO.
SB1045L-
Test Freq. L Q (Hz) (MHz) 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V B Taping Reel 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.252
SRF ( MHz ) typ. 68.7 44.2 35.8 27.8 23.7 19.4 15.8 13.6 11.1 9.7 7.1 6.4 4.6 4.2 3.6 2.9
RDC () max. 0.026 0.033 0.040 0.050 0.068 0.088 0.110 0.165 0.225 0.300 0.500 0.680 0.950 1.280 1.920 2.700
Irms (A) 4.80 4.20 3.50 3.20 2.50 2.20 1.90 1.60 1.30 1.10 0.85 0.72 0.62 0.52 0.43 0.38
Isat (A) 6.20 5.20 4.20 3.60 3.00 2.60 2.10 1.85 1.50 1.30 1.05 0.85 0.70 0.58 0.46 0.40
SB10452R7ML- SB10454R5ML- SB10456R8ML- SB1045100ML- SB1045150ML- SB1045220ML- SB1045330ML- SB1045470ML- SB1045680ML- SB1045101KL- SB1045151KL- SB1045221KL- SB1045331KL- SB1045471KL- SB1045681KL- SB1045102KL- 1).
2)."":Reference code 3). Irms base on temp. rise 40 max. 4). Isat base on L/L0A=10% typ. @ Inductance VS. DC Superposition Characteristics 104
Packaging Information... A Bulk
103 Inductance ( uH ) 331 10
2
101 330
10
1
100 2R7
100 10-1 AE-001A
100 101 DC Current ( A )
102
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
SHIELDED SMD POWER INDUCTOR PACKAGING INFORMATION
( 1 ) Configuration T
ABC'S DWG NO. ABC'S ITEM NO.
SB1045L-
Cover tape
2.00.5 A N C C
B
G
D
Embossed carrier
Carrier tape width : D P:16 m/m End 4 m/m Start
330
Leader no component 200 m/m Min.
330
330
330
Trailer no component 400 m/m Min.
Components User ditrection of feed
( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0
Unit:m/m T 30.4
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SB1045
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
700
2,000
13 - 24
2,800
9.0
40 x 40 x 24
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SB1045L-
DWGING NUMBER EXPRESSION S B 1 0 4 5 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1 Product Classification L Lead Free Standard products comply with RoHS' requirements 1 ~ 9 Lead Free Special products comply with RoHS' requirements
Appendix code 2 Package Information
Code A B T.B.D.
Inner package
Inner package Q'TY T.B.D. 700 pcs
Remark
T / R ( Reel package )
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SMD POWER INDUCTOR RELIABILITY TEST
Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder.
ABC'S DWG NO. ABC'S ITEM NO.
SB1045L-
Test condition Preheat : 15025 for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds
Solderability
Thermal shock test ( Temp. cycle )
Inductance shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-252 30 minutes 852 30 minutes
Humidity Resistance test
Temperature : 402 Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours
High temp. Resistance test
Temperature : 852 Applied current : Per spec. Time : 500 hours
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 6 SB1045L-
SMD POWER INDUCTOR
ABC'S ITEM NO.
. UL CARD
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg Mark Dsg ____
____ ____ ____ ____
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
BC
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
ANSI Type
Temp Class
220 130 200 180 200
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mtl Dsg
Mark Dsg ____
____ ____ ____ ____ ____
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
BC
Coat Typ
Polyamide ____ ____ ____ Nylon Polyamide
OC
MW80C MW2-C ___ MW75C MW28-C MW28-C
ANSI Type
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 7 SB1045L-
SMD POWER INDUCTOR
ABC'S ITEM NO.
E54705 (M)
RTI H D V 4 Min UL94 Elec Mech H H T Thk Flame w/o W A with 9 Class R 5 Mtl Dsg Col mm Imp I I Imp Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
E4008 , E400X NC , BK 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 130 130 130 130 130 220 220 220 130 220 220 220 130 130 130 130 130 130 130 130 130 130 130 130 130 180 200 200 130 180 200 200 130 130 130 130 130 130 130 130 130 130 130 130 130 220 240 240 130 220 240 240 130 130 130 130 130 130 130 130 ___ ___ 3 2 1 ___ 3 2 1 ___ 3 2 1 ___ 3 2 1 ___ 0 0 1 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ ___ ___ ___ ___ ___
C T I
___ ___ ___ 4 ___ ___ ___ 4 ___ ___ ___ 4 ___ ___ ___ 4 ___ ___ ___ 4
E4008
NC , WT , BK
0 ___ ___ ___ 0 ___ ___ ___ 0 ___ ___ ___ 0 ___ ___ ___ 0
5 ___ ___ ___ 5 ___ ___ ___ 5 ___ ___ ___ 5 ___ ___ ___ 5
E4010
NC , BK
E400(Y)L , E4008L
NC , BK
E4810
NC , BK
AE-001A


▲Up To Search▲   

 
Price & Availability of SB1045102KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X